Part Number Hot Search : 
1N4006 PF10K 15KPA45A 1344184 74HC674 ML9XX15 MSC3005 SP9715C
Product Description
Full Text Search
 

To Download CMBZ5261B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SILIICON PLANAR ZENER DIODES
3
3
CMBZ5229B to CMBZ5261B 4.3V to 47V
Pin Configuration
1 = ANODE 2 = NC 3 = CATHODE
SOT-23 Formed SMD Package
2 1
1
2
Low voltage general purpose voltage regulator diodes. ABSOLUTE MAXIMUM RATINGS (Ta=25C) DESCRIPTION Working Voltage Range Working Voltage Tolerance Power Dissipation upto Ta=25C Derate Above 25C Thermal Resistance Junction to Ambient Power Dissipation upto Ta=25C Derate Above 25C Thermal Resistance Junction to Ambient Junction Temperature Storage Temperature Rth (j-a) Tj Tstg Rth (j-a) **Ptot *Ptot SYMBOL VZ VALUE 4.3 to 47 +5 300 2.4 417 225 1.8 556 150 - 55 to +150 UNIT V % mW mW/C C/mW mW mW/C C/mW C C
* Device mounted on a ceramic alumina of 8mm x 10mm x 0.7 mm ** Device mounted on an FR5 printed - circuit board Forward Voltage at IF=10mA VF < 0.9 V & VF at 200mA <1.5V ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) ZZK ZZT Device Zener Test IZ =0.25mA IZ=IZT Voltage Current VZ ( + 5%) IZT at 10% Mod Note1 Max Max Nominal mA 20 4.3 CMBZ5229B 2000 22 4.7 20 CMBZ5230B 1900 19 5.1 20 CMBZ5231B 1600 17 20 5.6 CMBZ5232B 1600 11 20 6.0 CMBZ5233B 1600 7 20 6.2 CMBZ5234B 1000 7 20 6.8 CMBZ5235B 750 5 7.5 20 CMBZ5236B 500 6 8.2 20 CMBZ5237B 500 8 8.7 20 CMBZ5238B 600 8 9.1 20 CMBZ5239B 600 10 10 20 CMBZ5240B 600 17 11 20 CMBZ5241B 600 22 12 20 CMBZ5242B 600 30 13 9.5 CMBZ5243B 600 13 9.0 14 CMBZ5244B 600 15 Note1: Pulse Test 20ms < tp < 50ms IR Ta= 25C Max A 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 at VR Marking
V 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10
8D 8E 8F 8G 8H 8J 8K 8L 8M 8N 8P 8Q 8R 8S 8T 8U
CMBZ5229B_61BRev_1 290306E
Continental Device India Limited
Data Sheet
Page 1 of 4
SILIICON PLANAR ZENER DIODES
3
3
CMBZ5229B to CMBZ5261B 4.3V to 47V
Pin Configuration
1 = ANODE 2 = NC 3 = CATHODE
SOT-23 Formed SMD Package
2 1
1
2
Forward Voltage at IF=10mA VF < 0.9 V & VF at 200mA <1.5V ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) ZZK ZZT Device Zener Test IZ =0.25mA IZ=IZT Voltage Current VZ ( + 5%) IZT @ 10% Mod (Note1) Max Max Nominal mA 15 8.5 CMBZ5245B 600 16 16 7.8 CMBZ5246B 600 17 17 7.4 CMBZ5247B 600 19 18 7.0 CMBZ5248B 600 21 19 6.6 CMBZ5249B 600 23 20 6.2 CMBZ5250B 600 25 22 5.6 CMBZ5251B 600 29 24 5.2 CMBZ5252B 600 33 25 5.0 CMBZ5253B 600 35 27 4.6 CMBZ5254B 600 41 28 4.5 CMBZ5255B 600 44 30 4.2 CMBZ5256B 600 49 3.8 33 CMBZ5257B 700 58 3.4 36 CMBZ5258B 700 70 39 3.2 CMBZ5259B 800 80 43 3.0 CMBZ5260B 800 93 47 2.7 CMBZ5261B 1000 105 Note1: Pulse Test 20ms < tp < 50ms
CMBZ5229B_61BRev_1 290306E
IR Ta= 25C Max A 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Marking at VR
V 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36
8V 8W 8X 8Y 8Z 81A 81B 81C 81D 81E 81F 81G 81H 81J 81K 81L 81M
Continental Device India Limited
Data Sheet
Page 2 of 4
CMBZ5229B to CMBZ5261B 4.3V to 47V
SOT-23 Formed SMD Package
0.05 2.50 0.02 0.60 0.025 1.30 0.02 0.60
SOT-23 Package Reel Information
Reel specification for W" Packing (13" reel)
14.4 MAX o100.00.5 / o54.5 0.5 o329.20.5 / 178 0.5 7.9 - 10.9 9.20.5
1
0 5 .02 20 .9 0 5 .0 10 .9
cL
3
00 .4
+ .0 08 -0 2 .0
180 or 330 +0.5 -0.2 o13.0 TRAILER
2
3 3
o20.2 MIN
0 2 .0 0.6 0
P R ING LINE AT RO.08 1 0.0 0 .12 4" 0 4 .0 06 .0 R0.08
0 2 .0 5 0.9 5
NOTES:
6
0.21
5 7 0.05 2.50
3"
1. 2. 3. 4. 5.
No. of Devices The bandolier of 330 mm reel contains at least 10,000 devices. The bandolier of 180 mm reel contains at least 3,000 devices. No more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel. 15 empty compartments for 180 mm reel. Three consecutive empty places might be found provided this gap is followed by 6 consecutive devices. The carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm). In order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. At the end of the bandolier at least 40 empty positions (equivalent to 160 mm) are there.
8mm Tape Size of Reel 330 mm (13") 10,000 Pcs
8mm Tape Size of Reel 180 mm (7") 3,000 Pcs
Tape Specification for SOT-23 Surface Mount Device
0.1 4.0 0.05 0.1 2.0 4.0 0.1 1.75 +0.3 0.05 - 0.1 3.5 8.0 5.75 MAX 0.05 1.0 3.15
All dimensions in mm
0.05 1.55
0.10 2.77 0.1 1.22 1.6 MAX
Direction of Unreeling
Packing Detail
PACKAGE Details SOT-23 T&R 3K/ reel 10K/ reel
CMBZ5229B_61BRev_1 290306E
STANDARDPACK Net Weight/ Qty 136 gm/ 3K pcs 415 gm/ 10K pcs Size
INNER CARTON BOX Qty 12 K 51 K 10 K Size
OUTER CARTON BOX Qty 192 K 408 K 300 K Gr Wt 12 kgs 28 kgs 16 kgs
3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5"
17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5"
Continental Device India Limited
Data Sheet
Page 3 of 4
FIXING TAPE
LEADER
0.02 0.60 1.30 7 0.08
0.02 0.60 0.08
2.00.5
DETAIL X
All dimensions in mm 330 / 180 mm - Antistatic Coated Plastic Reel
Customer Notes
CMBZ5229B to CMBZ5261B 4.3V to 47V SOT-23 Formed SMD Package
Component Disposal Instructions 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com
CMBZ5229B_61BRev_1 290306E
Continental Device India Limited
Data Sheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of CMBZ5261B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X